Part Number Hot Search : 
SSM6K IS25C 107004 ML6622IS AJ1EU SMAZ30 544MI01L CDRH4D
Product Description
Full Text Search
 

To Download RLT370-TO-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra Violet LED Lamp RLT370-TO-18
Features
* TO-18 ball lens package * Chip material based on GaN
Applications
* Deodorant : With photocatalyst * Light source for sensor
Absolute Maximum Ratings (Ta = 25C)
Parameter Power Dissipation Continuous Forward Current Peak Forward Current ? 1 Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature
? 1 Duty ratio = 1/10, Pulse width = 0.5 ms
Symbol Pd IF IFM VR Topr Tstg Tsol
Value 120 25 100 5 - 30 to + 80 - 40 to + 100 260 (with in 5 seconds)
Unit mW mA mA V
C
C C
Electro-optical Characteristics (Ta = 25C)
Parameter Forward Voltage Reverse Current Radiant Flux Viewing angle Peak Wavelength
Spectrum radiation Bandwidth Symbol
Condition IF= 20 mA VR= 5 V IF= 20 mA IF= 20 mA U1 U2
Min -
Typ. 3.6
Max 4.0 10
Unit V A mW mW deg. nm nm
VF IR Po 2T
1/2
0.2 0.4
0.3 0.5 15
0.4 0.6 380
IF= 20 mA IF= 20 mA IF= 20 mA 370
?P ??
373 20
Ultra Violet LED Lamp RLT370-TO-18
1. Forward Voltage vs. Forward Current 2. Peak wavelength vs. Relative Intensity
Forward Current (mA)
Relative Intensity (%)
100
100 80 60 40 20 0 300 350 400 450 Wavelength (nm) 500
10
1 2
3 4 Forward Voltage (V)
5
3. Forward Current vs. Relative Intensity
4. Ambient Temperature vs. Relative Intensity
Relitive Luminous Intensity
150 Relative Intensity (%) 100 50 0 0
10
1
10 20 30 DC Fordward Current (mA)
0.1 0
20 40 60 80 Lead Temperature (C)
6. Radiation Angle
5. Ambient Temperature vs. Forward Current
DC Forward Current (mA)
40 30 20 10 0 0 20 40 60 80 100 Ambient Temperature (C)
Relative Luminous Intensity(%)


▲Up To Search▲   

 
Price & Availability of RLT370-TO-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X